Part Number Hot Search : 
ISPLSI IRF822 UPC741 2N491 CZRF22VB 431FP 2SA103 5225B
Product Description
Full Text Search
 

To Download MIC-3396HC-M8E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mic-3396 ? supports 4 th generation intel ? core? i3/i5/i7 processors and intel ? qm87 pch with embedded graphic (up to 3 independent displays) ? up to 16 gb (ddr3 1600) low voltage ecc memory (max 8gb on board, socket so-udimm x1, max 8gb) ? optimized single-slot sbc with 2.5" sata-iii hdd/cfast socket/ on-board fash (optional) ? two sata ports, 1x usb 3.0, four usb 2.0 ports, two dvi ports, two rs-232 ports, one ps/2 connector, and pcie x8 interfaces to the rear transition module (rtm) ? five gigabit ethernet ports for picmg 2.16, front and rear connectivity ? picmg 2.16 r1.0, picmg 2.1 r2.0, picmg 2.6 r1.0 compliant 6u compactpci 4 th generation intel ? core? i3/i5/i7 processor blade with ecc support introduction using intels 4 th generation core i3/i5/i7 processors based on 22nm process technology supporting up to four cores / eight threads at 2.4ghz and 6mb last level cache, the mic-3396 blade boosts computing performance deploying the latest virtualization, techniques and cpu enhancements. onboard soldered low voltage dram (1.35v) with ecc support and optional memory expansion via an sodimm socket extend the memory to maximum of 16gb supporting the most demanding applications in high performance or virtualized environments. dual channel design and memory speeds up to 1600mt/s along with increased cache size and cache algorithms guarantee maximum memory performance. combined with the powerful intel ? qm87 chipset, the 4 th generation core? processors offer improved i/o performance by leveraging 5gt/s dmi and 3 rd generation pcie interfaces. an onboard xmc/pmc site with pcie x8 gen.3 connectivity can host high speed offoad or i/o mezzanines such as the mic-3666 dual 10ge xmc card. with sata-iii support and up to 7gbps i/o. the latest enhancements in storage technology such as high speed ssds or traditional hdds can be used on the mic-3396. five gigabit ethernet ports based on intels latest gbe controllers for picmg 2.16, front and rear connectivity ensure best in class network connectivity. the processors integrated enhanced graphics engine (iris) offers twice the performance over previous generations. with triple independent display support, the mic-3396 is an ideal ft for demanding workstation applications. rasum features integrated in the cpu and chipset combined with picmg 2.9, ipmi-based management make the mic-3396 a highly available and reliable computing engine. the rio-3316 rtm module supports one ps/2 connector with both keyboard and mouse ports, one usb 3.0, two usb 2.0 ports, two rs-232 ports, two sata ports, two dvi ports, and two gigabit ethernet ports. in case of the sata disk drives and sata raid support of the qm87 do not meet performance and reliability requirements, the rio-3315 sas version supports a 4-port sas controller with raid and fail over support. specifcations processor system cpu intel 4 th generation core i3/i5/i7 mobile processors up to 2.4 ghz (6mb llc) platform controller hub intel qm87 bios redundant ami 8mbyte spi fash compactpci interface j1 connector 32-bit pci local bus j2 connector 64-bit pci local bus j3 connector picmg2.16 + rtm area, 1x pciex8 j4~j5 connectors rtm area xmc/pmc socket pciex8 gen3 (7gt/s) pci 64-bit/66 mhz memory technology ddr3 1600 mhz, dual channel with low voltage and ecc support max. capacity up to 16gb (max. 8gb on-board, max. 8gb sodimm) socket sodimm x1 graphics controller intel embedded graphic controller iris (triple independent display) vram dynamic resolution up to 2048 x 1536, 64k colors at 75hz ethernet controller 4 intel i210at single-port gigabit ethernet controllers (on pcie x1 channel) interface 10/100/1000base-tx ethernet i/o connector picmg 2.16 and rj-45 x2 (rtm rear panel), rj-45 x1 (front panel) controller 1 intel i217lm single-port gigabit ethernet controller interface 10/100/1000base-tx ethernet i/o connector rj-45 (front panel) storage onboard hdd/ssd 1 2.5" (sata-iii) channels onboard sata-iii connector onboard flash sata-ii channels 1 cfast socket (sata-ii) 1 on-board fash (sata-ii optional) rtm sata-iii channels 2 sata-iii connectors rohs compliant 2002/95/ec all product specifications are subject to change without notice last updated : 18-aug-2015 compactpci features
mic-3396 related products model number confguration rio-3316-c1e rtm module with 4 lan ports and usb 3.0 for mic-3396 rio-3315-a1e rtm module with sas controller for mic-3395 and mic-3396 mic-3666-ae dual 10 gigabit ethernet xmc mic-3665-ae compactpci pmc with dual copper (rj-45) gigabit ethernet interfaces mic-3665-be compactpci pmc with dual fber gigabit ethernet interfaces cpu confgurations intel ? cpu model number cpu architecture # cores # threads freq. cache cpu tdp ecc i3-4100e 22 nm 2 4 2.4 ghz 3 mb 37w yes i5-4402e 22 nm 2 4 1.6 ghz 3 mb 25w yes i5-4400e 22 nm 2 4 2.7 ghz 3 mb 37w yes i7-4700eq 22 nm 4 8 2.4 ghz 6 mb 47w yes mic-3396x-mxe series specifcations (cont.) front i/o usb3.0 2 type a usb2.0 1 type a vga 1 com 1 rs-232 on rj-45 lan 2 10/100/1000 mbps on rj-45 front panel leds x1 blue for hot swap, 1x yellow for hdd, x1 green for master/drone mode, x1 green bmc heartbeat, and x1 green for power buttons cpu reset button and bmc reset button rear i/o usb2.0 4 ports usb3.0 1 port com 2 ports lan 2 ports sata 2 sata-iii pcie 1 pciex8 gen3 7gt/s display 1 dvi-i and 1 dvi-d others ps/2 for keyboard & mouse watchdog timer output local rest and interrupt interval programmable 1s ~ 255s hardware monitor hwm nct7904 bmc controller lpc1768, ipmi v2.0 compliant operating system compatibility win7, linux, vxworks 6.x (on request) power requirement confguration 4hp tdp () maximum: up to 80w (quad core), 50w (dual core) or less, depending on cpu type physical dimensions (w x d) 233.35 x 160.0 mm environment operating non-operating temperature 0 ~ 55 c (32 ~ 122 f) -40 ~ 85 c (-40 ~ 185 f) humidity 95 % @ 40 c, non-condensing 95 % @ 60 c, non-condensing vibration (5-500 hz) 3.5grms (without on-board 2.5" sata hdd) bump 25g, 6ms altitude 15000ft, 55 c above sea level 40000 ft, -40 c above sea level regulatory conformance fcc class a, ce, rohs, ccc compliance standards picmg2.0 r3.0, picmg2.1 r.0, picmg2.9 r1.0, picmg2.16 r1.0, ordering information system board model number front panel main on-board features vga usb3.0 (type a) usb2.0 (type a) ethernet (rj-45) console (rj-45) cpu onboard memory cfast socket storage channel sodimm socket bmc mic-3396ha-m8e 1 2 1 2 1 i5-4400e 8gb 1 1 sata-iii 1 yes mic-3396hb-m8e 1 2 1 2 1 i5-4400e 8gb 1 1 sata-iii 1 no MIC-3396HC-M8E 1 2 1 2 1 i7-4700qe 8gb 1 1 sata-iii 1 yes *note: for i3 cpu, 4gb on-board memory and on-board fash available by request, please contact your local sales offce. one cfast socket / hdd mounting site memory sodimm socket one passive cpu heatsink vga port 1x usb 3.0 1x rj-45 (console) 2x usb 2.0 1x gbe rj-45 por 1x pmc / xmc 1x gbe rj45 port www.advantech.com/products online download


▲Up To Search▲   

 
Price & Availability of MIC-3396HC-M8E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X